Part Number Hot Search : 
PSKD72 80C19 SE094 A1601 MP2013 FDC6561 00GB1 1141CS16
Product Description
Full Text Search
 

To Download EM38GS3-1944-25-30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 EURO QUARTZ
14 pin DIL package compatible Frequency range: 9.6MHz to 27.0MHz Supply voltage 2.8 to 5.0 Volts Customized specifications available RoHS compliant
EM38GS Series TCXO
Clipped Sinewave 14 pin DIL compatible
EM38GS - OUTLINES AND DIMENSIONS DESCRIPTION EM38GS series TCXOs packages are compatible with the industrystandard 14 pin Dual-in-Line package. With Clipped Sinewave output, tolerances are available from 1.0ppm over 0 to 50C to 1ppm over -30 to +70C. Supply voltage 2.8 to 5.0 Volts. SPECIFICATION Product Series Code TCXO: VCTCXO: Frequency Range: Output Waveform: Initial Calibration Tolerance**: Standard Frequencies: EM38GS VEM38GS 9.6MHz to 27.0MHz Clipped Sinewave <1ppm at 25C 10.0, 12.80, 13.0, 14.40, 15.36, 16.384, 19.2, 19.440, and 19.68MHz (Partial list) See table 1.0 ppm max. first year 0.3 ppm max. 5% change 0.3 ppm max. 10% change 1ppm max. for one reflow (Measured after 24 hours) +2.8, +3.0 or +5.0Volts (Specify when ordering) 0.8V p-p minimum 2ms typical, 5ms max. See table below 10kOhm//10pF 10% -10dB typical, -7dB max. See table DC block, AC coupled -50 to +100C
Operating Temperature Range: Frequency Stability vs. Ageing: vs. Voltage Change: vs. Load Change: vs. Reflow: Supply Voltage: Output Voltage Level: Start-up Time: Current Consumption: Output Load: Harmonic Distortion: SSB Phase Noise: FREQUENCY STABILITY Output Format: Storage Temperature: FREQUENCY STABILITY
Frequency Stability (ppm) 0 ~ +50 -10 ~ +60 Temperature Range (C) -20 ~ +70 -30 ~ +75 -40 ~ +85 P 0.5 ASK x x x x
VEM38GS VOLTAGE CONTROL SPECIFICATION Standard = +1.51.0Volts for all input voltages. (Contact technical sales if +2.52.0 Volts is required.) Frequency Deviation: 6.0 ppm min. Slope Polarity: Positive (increase of control voltage increases output frequency.) Input Impedance: 1.0M min. Modulation Bandwidth: 3.0kHz min. measured at -3dB Linearity: 10% max. PHASE NOISE
Offset (Hz) SSB Phase Noise at 25C EM38GS 13MHz (dBc/Hz)
Control Voltage:
1.0 P P x x x
1.5 P P P x x
2.0 P P P P x
2.5 P P P PP P
10 -80
100 -115
1k -135
10k -148
100k -150
= available, x = not available, ASK = call Technical Sales
CURRENT CONSUMPTION
Frequency Range 10.0MHz to 13MHz 13.1MHz to 20MHz 20.1MHz to 27MHz +3.0 V 1.3mA 1.5mA 2.0mA +5.0 V 2.0mA 2.2mA 2.5mA
PART NUMBERING PROCEDURE Example:
EM38GS3-19.44-2.5/-30+75
Series Description TCXO = EM38GS VCTCXO = VEM38GS Supply Voltage 28 = 2.8 VDC 3 = 3.0 VDC 5 = 5.0 VDC Frequency (MHz) Stability over OTR (ppm) Operating Temperature Range (OTR) (C) Lower and upper limits.
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 info@euroquartz.co.uk www.euroquartz.co.uk


▲Up To Search▲   

 
Price & Availability of EM38GS3-1944-25-30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X